PART |
Description |
Maker |
AM75DL9608HGT70IT AM75DL9608HGT75IS AM75DL9608HGT7 |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 64兆位个M x 16位)2兆位米16位).0伏的CMOS只,同时作业闪存,和 64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Xilinx, Inc. Spansion, Inc.
|
AT45BR3214B AT45BR3214B-C1 |
32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
|
Atmel Corp.
|
AT49LW080 AT49LW080-33JC AT49LW080-33TC AT49LW040 |
8-megabit and 4-megabit Firmware Hub Flash Memory
|
ATMEL[ATMEL Corporation]
|
AT45BR3214B AT45BR3214B-C1 |
32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
|
ATMEL Corporation
|
S29GL01GP S29GL-P12 S29GL01GP11TFIR20 S29GL256P90T |
1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology MirrorBit? Flash Family MirrorBit? Flash Family
|
SPANSION
|
S29GL032N90FFIV22 S29GL064N11BFI030 S29GL064N11BAI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
SPANSION http://
|
AM27C1024 AM27C1024-120DC5 AM27C1024-120DC5B AM27C |
Quad 2-input exclusive-NOR gates with open collector outputs 14-SOIC 0 to 70 Quad 2-input exclusive-NOR gates with open collector outputs 14-PDIP 0 to 70 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 64K X 16 UVPROM, 55 ns, CDIP40 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SO 0 to 70 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位65亩16位)的CMOS存储 64K X 16 UVPROM, 70 ns, CDIP40 1 megabit CMOS EPROM
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC SPANSION LLC
|
S29CD016G0MFFA202 S29CD016G0MFAA212 S29CD016G0JFAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位12k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位512k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80
|
Spansion Inc. Spansion, Inc.
|
AT45DB011-JC 45DB011B AT45DB011-XC AT45DB011-XI AT |
1-Megabit 2.7-volt Only Serial DataFlash 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO14 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PQCC32 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
AT49F080 AT49F080-12CC AT49F080-12CI AT49F080-12RC |
8-Megabit 1M x 8 5-volt Only Flash Memory 1M X 8 FLASH 5V PROM, 120 ns, PDSO40 8-Megabit (1M x 8) 5-volt ohly flash memory, 50mA active current, 0.3mA standbgy current
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT49SV802A-90TI AT49SV802A-90CU |
8-megabit 1.8-volt Only Flash Memory 8兆位1.8伏,只有闪存 8-megabit 1.8-volt Only Flash Memory 512K X 16 FLASH 1.8V PROM, 90 ns, PBGA48
|
Atmel, Corp. ATMEL Corporation
|